PART |
Description |
Maker |
LT1952-1 LT1952EGN-1 LT1952EGN-1PBF LT1952EGN-1TR |
Single Switch Synchronous Forward Controller
|
Linear Technology
|
MIC2075-1YM MIC202510 MIC2025-1YM MIC2025-2YM MIC2 |
Single-Channel Power Distribution Switch MM8庐 Single-Channel Power Distribution Switch MM8? 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):140mohm; Number of Channels:1; Leakage Current:10mA; Package/Case:8-SOP; Mounting Type:Surface Mount
|
Micrel Semiconductor MICREL INC
|
HA4344 HA4344B HA4344BCB HA4344BCB96 FN3956 |
From old datasheet system 350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls 350MHz/ 4 x 1 Video Crosspoint Switch with Synchronous Controls
|
INTERSIL[Intersil Corporation]
|
ISL6605 ISL6605EVAL1 |
MOSFET Driver, Dual, Synchronous Half-Bridge Switch, use with Multiphase Controller, 4 Amp Sink, VBOOT 0.3-7V; synchronous rectified MOSFET driver. For core voltage supplies for Intel and AMD microprocessors
|
Intersil
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ISL84543CB ISL84543 ISL84543CP ISL84543IH-T ISL845 |
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP8 1024 x 36 synchronous FIFO Memory 120-HLQFP 0 to 70 低电压,单电源,双路SPST,SPDT模拟开 Low-Voltage Single Supply Dual SPST SPDT Analog Switches Low-Voltage/ Single Supply/ Dual SPST/ SPDT Analog Switches
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
APTGF300U120D |
Single Switch Diodes - IGBT Single Switch with Series diodes NPT IGBT Power Module
|
Advanced Power Technology
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
DG3000DB-T1 DG3000DB-T1-E1 DG300008 |
Low-Voltage Single SPDT MICRO FOOT?Analog Switch Low-Voltage Single SPDT MICRO FOOT庐Analog Switch Low-Voltage Single SPDT MICRO FOOT㈢Analog Switch
|
Vishay Siliconix
|
IDT71V25761 IDT71V25781 IDT71V25781S166PF IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.3 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消
|
Integrated Device Technology, Inc.
|